Part Number Hot Search : 
100S3 CPH6612 GDIAGRA 313010P 2N350 SMDB24 1N4699C 1A225
Product Description
Full Text Search
 

To Download IXTK102N30P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 300 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 300 v v gsm 20 v i d25 t c = 25 c 102 a i d(rms) external lead current limit 75 a i dm t c = 25 c, pulse width limited by t jm 250 a i ar t c = 25 c60a e ar t c = 25 c60mj e as t c = 25 c 2.5 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 700 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c m d mounting torque 1 .13/10 nm/lb.in. weight to-247 10 g g = gate d = drain s = source tab = drain ds99130(12/03) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 300 v v gs(th) v ds = v gs , i d = 500 a 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 200 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 33 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm power mosfet ixtk 102n30p advanced technical information n-channel enhancement mode features z international standard packages z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density polarht tm dmos transistors utilize proprietary designs and process. us patent is pending. v dss = 300 v i d25 = 102 a r ds(on) =33 m ? ? ? ? ? to-264(sp) (ixtk) (tab) g d s
ixys reserves the right to change limits, test conditions, and dimensions. ixtk 102n30p symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 45 57 s c iss 7500 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1150 pf c rss 230 pf t d(on) 30 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 60 a 28 ns t d(off) r g = 3.3 ? (external) 130 ns t f 30 ns q g(on) 224 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 50 nc q gd 110 nc r thjc 0.18 k/w r thck 0.15 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 102 a i sm repetitive 250 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a 250 ns -di/dt = 100 a/ s q rm v r = 100 v 3.3 c ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 to-264(sp) outline (ixtk)
? 2003 ixys all rights reserved ixtk 102n30p fig. 2. extended output characteristics @ 25 o c 0 25 50 75 100 125 150 175 200 225 250 0 2 4 6 8 101214161820 v ds - volts i d - amperes v gs = 10v 9v 7v 6v 8v 5v fig. 3. output characteristics @ 125 o c 0 10 20 30 40 50 60 70 80 90 100 110 0123456789 v ds - volts i d - amperes v gs = 10v 9v 8v 5v 6v 7v fig. 1. output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 100 110 0 0.5 1 1.5 2 2.5 3 3.5 4 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction temperature 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds( on) - normalize d i d = 102a i d = 51a v gs = 10v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 100 110 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. i d 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 25 50 75 100 125 150 175 200 225 250 i d - amperes r ds(on) - normalize d t j = 125oc t j = 25oc v gs = 10v
ixys reserves the right to change limits, test conditions, and dimensions. ixtk 102n30p fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 25 50 75 100 125 150 175 200 225 q g - nanocoulombs v g s - volts v ds = 150v i d = 51a i g = 10ma fig. 7. input admittance 0 25 50 75 100 125 150 3.5 4 4.5 5 5.5 6 6.5 7 7.5 v gs - volts i d - amperes t j = 125oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 150 175 200 i d - amperes g fs - siemens t j = -40oc 25oc 125oc fig. 9. source current vs. source-to-drain voltage 0 50 100 150 200 250 300 0.4 0.6 0.8 1 1.2 1.4 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 12. for w ar d -bias safe operating area 1 10 100 1000 10 100 1000 v ds - volts i d - amperes 100s 1ms dc t j = 150oc t c = 25oc r ds(on) limit 10ms 25s
? 2003 ixys all rights reserved ixtk 102n30p fig. 13. maximum transient thermal resistance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r (th)jc - oc/w


▲Up To Search▲   

 
Price & Availability of IXTK102N30P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X